Electronic Components Datasheet Search
  English  ▼

X  

FMMT593 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT593
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT593 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT593 Datasheet HTML 1Page - Zetex Semiconductors FMMT593 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 - NOVEMBER 1995
7
COMPLEMENTARY TYPE FMMT493
PARTMARKING DETAIL - 593
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX. UNITCONDITIONS.
Collector-Base Breakdown Voltage
V(BR)CBO -120
V
IC=-100µA
Collector-Emitter Breakdown Voltage
V(BR)CEO -100
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA VCB=-100V
Emitter Cut-Off Current
IEBO
-100
nA VEB=-4V
Collector-Emitter Cut-Off Current
ICES
-100
nA VCES=-100V
Emitter Saturation
Voltages
VCE(sat)
-0.2
-0.3
V
V
IC=-250mA,IB=-25mA*
IC=-500mA IB=-50mA*
VBE(sat)
-1.1
V
IC=-500mA,IB=-50mA*
Base-Emitter Turn-on Voltage
VBE(on)
-1.0
V
IC=-1mA, VCE=-5V*
Static Forward Current Transfer Ratio hFE
100
100
100
50
300
IC=-1mA, VCE=-5V
IC=-250mA,VCE=-5V*
IC=-500mA, VCE=-5V*
IC=-1A, VCE=-5V,
Transition Frequency
fT
50
MHz IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
5pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT593
C
B
E
3 - 141
FMMT593
3 - 142
10A
1A
10mA
100mA
1mA
-55 °C
+25 °C
+100 °C
I)/I*=10
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VBE(sat) v IC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
100
0
300
200
400
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
10A
0.6
0.8
1.0
0.4
0.2
0
IC-Collector Current
VCE(sat) v IC
1mA
0
0.1
100mA
10mA
+25°C
0.2
0.3
0.4
I+/I*=10
10A
1A
0.4
+100 °C
-55 °C
+25 °C
+100 °C
-55 °C
+25 °C
-55 °C
+25 °C
+100 °C
I+/I*=10
V+-=5V
V+-=5V
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1V
10V
100V
1s
DC
100ms
10ms
100µs
1ms
1V
0
0.1
0.3
0.2
1mA
0.01
I+/I*=50
0.001
TYPICAL CHARACTERISTICS


Similar Part No. - FMMT593

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT593 KEXIN-FMMT593 Datasheet
35Kb / 2P
High Voltage Transistor
logo
Diodes Incorporated
FMMT593 DIODES-FMMT593 Datasheet
124Kb / 2P
SOT23 PNP SILICON PLANAR
NOVEMBER 1995
logo
Weitron Technology
FMMT593 WEITRON-FMMT593 Datasheet
292Kb / 4P
General Purpose Transistor PNP Silicon
logo
Micro Commercial Compon...
FMMT593 MCC-FMMT593 Datasheet
205Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
FMMT593 HTSEMI-FMMT593 Datasheet
448Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - FMMT593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST16 ZETEX-BST16 Datasheet
12Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
PNP Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
PNP Silicon Planar High Voltage Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com