Electronic Components Datasheet Search
  English  ▼

X  

JSL Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # JSL
Description  POWER RELAY 1 POLE - 8A Polarized Latching Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

JSL Datasheet(HTML) 2 Page - fujitsu semiconductor

  JSL Datasheet HTML 1Page - fujitsu semiconductor JSL Datasheet HTML 2Page - fujitsu semiconductor JSL Datasheet HTML 3Page - fujitsu semiconductor JSL Datasheet HTML 4Page - fujitsu semiconductor JSL Datasheet HTML 5Page - fujitsu semiconductor JSL Datasheet HTML 6Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
*Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalcontions
a�dexpe�tedreliabilitylevels.
JSL SERIES
Item
JS��(��il)
JS��(2��ils)
���ta�t
Data
Configuration
1formA,1formC
���str��ti��
Si���le
Material
AgSnO
2
Resista��e(i�itial)
≤100mΩat6VDC,1A
���ta�trati���
8A,250VAC/24VDC
Max.�arryi�����rre�t
10A
Max.switchingvoltage
400VAC/150VDC
Max.switchingpower
2,000VA
Max.switchingcurrent
10A
Min.switchingload*
100mA,5VDC
��i�e
Me��a�i�al
5x06operationsminimum
Ele�tri�al
50x03operationsminimum
��ilData
Ratedpower(at20°C)
220mW
480mW
Operatingtemperaturerange
-40°Cto+70°C(nofrost)
TimingData Set/reset(atnominalcoilvoltage)
≤10ms(nobounceincluded)
Exitationtime
≥20ms
I�s�lati��
Resista��e(i�itial)
≥1,000MOhmat500VDC
Diele�tri�stre���t�
�pe����ta�ts
1,000VAC(50/60Hz)1min
���ta�tst���il
5,000VAC(50/60Hz)1min
S�r��estre���t�
��ilt����ta�ts
10,000V/1.2x50µsstandardwave
�leara��e
8mm
�reepa��e
8mm
�t�er
Vibrati��resista��e
Mis�perati��>�s 10to55Hzdoubleamplitude2mm
E�d�ra��e
10to55Hzdoubleamplitude3mm
S���k
Mis�perati��>�s Min.200m/s²(11±1ms)
E�d�ra��e
Min.1,000m/s²(6±1ms)
Wei���t
Approximately8g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com