Electronic Components Datasheet Search
  English  ▼

X  

CMF2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # CMF2
Description  IEC Appliance Inlet C8 polarized with Line Switch 1-pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CMF2 Datasheet(HTML) 2 Page - Schurter Inc.

  CMF2 Datasheet HTML 1Page - Schurter Inc. CMF2 Datasheet HTML 2Page - Schurter Inc. CMF2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power entry modules without line filter
CMF2, CMF5
www.schurter.com/pg05
Connectors
Dimensions
53.3mm
24.3
22.3
19
2
53.3
26.65
26.65
2.3
2.3
0.9
R 3
1.3
2.4
6.16
10
0.8
8
R 1
1.05
2.8
8.6
18.45
7 8.15
4.15
10.2
N
L
3
8.25
45
25.75
27.55
0.8
0
-0.1
±0.1
with insulation cover
The size of the mounting cut-out can be selected as required.
Fixation on PCB or housing from
below
11
14.3
±0.13
1)
M3x12
1) self tapping screw
Fixation on PCB or housing from
above
11
5.9
1)
M3x12
+0.30
+0.15
0
- 0.1
1) self tapping screw
Drilling diagrams
CMF1 and CMF2 (C8)
45±0.1
10.2
8.6
8.25 7
1.6
3
1.6
D1
3.2
21.6
23.4
28.05
29.85
+0.1
0
+0.1
0
Variants
Connectors
Mounting side
Cover
Ground terminal
Ground terminal direction
Order Number
C8p
from below
-
-
CMF2.1031.12
C8p
from below
l
-
-
CMF2.1131.12
C8p
from top
-
-
CMF2.1011.12
C8p
from top
l
-
-
CMF2.1111.12
Packaging unit
50Pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com