Electronic Components Datasheet Search
  English  ▼

X  

DC21 Datasheet(PDF) 2 Page - Schurter Inc.

Part # DC21
Description  IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC21 Datasheet(HTML) 2 Page - Schurter Inc.

  DC21 Datasheet HTML 1Page - Schurter Inc. DC21 Datasheet HTML 2Page - Schurter Inc. DC21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power entry modules without line filter
DC2
www.schurter.com/pg05
Connectors
Dimensions
38.1mm
Screw on PCB mounting
33.7
9.15
3.4
15.6 10.3
0.95
1.25
16.4
6
10.45
43
R 4.5
R
3
52
±0.10
34.6
3.5
2.4
1.5
32.95
0.8
9.55 9.5
43
34
±0.15
1) with cover
2) without cover
33.6
21.3
3.2
4.7
±0.10
43
10.45
±0.15
3.6
26.85±0.10
6±0.10
3.6
1.6
1.3
1.3 +0.1
0
0
+0.10
0
+0.10
0
3) PE additionally as quick-connect terminal 4.8 x 0.8 mm
Diagrams
Line switch illuminated 2-pole
1) Line
2) Load
Line switch non-illuminated 2-pole
1) Line
2) Load
Variants
Panel mounting
Line Switch
Illumination
Color
Order Number
Screw
2-pole
-
DC21.0021.1111
Screw
2-pole
l
red
DC21.0023.1111
Screw
2-pole
l
green
DC21.0024.1111
Packaging unit
40Pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com