Electronic Components Datasheet Search
  English  ▼

X  

FMMT625 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # FMMT625
Description  NPN SILICON POWER (SWITCHING) TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT625 Datasheet(HTML) 3 Page - Zetex Semiconductors

  FMMT625 Datasheet HTML 1Page - Zetex Semiconductors FMMT625 Datasheet HTML 2Page - Zetex Semiconductors FMMT625 Datasheet HTML 3Page - Zetex Semiconductors FMMT625 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
Collector Current
I+/I*=20
Collector Current
Collector Current
Collector Current
Collector Current
I+/I*=10
I+/I*=20
I+/I*=100
25 °C
I+/I*=20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V+-=10V
450
225
V+-=10V
0.2
0.0
1.0
0.8
0.6
0.4
10
1.0
0.1
0.01
SINGLE PULSE TEST Tamb= 25 deg C
VCE (VOLTS)
TYPICAL CHARACTERISTICS
0.4
0.3
0.2
0.1
0.0
0.5
0.1
0.0
0.3
0.2
0.5
0.4
-55°C
100°C
25°C
25°C
100°C
-55°C
25°C
100°C
-55°C
25°C
100°C
-55°C
D.C.
1s
100ms
10ms
1ms
100µs
1mA
10A
1
10A
1mA
10A
1mA
10A
1mA
10A
1mA
Safe Operating Area
10mA
100mA
1A
VCE(SAT) vs IC
10mA
100mA
1A
VCE(SAT) vs IC
10mA
100mA
1A
VBE(SAT) vs IC
10mA
100mA
1A
hFE vs IC
10mA
100mA
1A
VBE(ON) vs IC
10
100
1000
FMMT625
0.0
0.2
0.4
0.6
0.8
1.0
Collector Current
I+/I*=20
Collector Current
10A
Collector Current
10A
Collector Current
10A
Collector Current
10A
I+/I*=10
I+/I*=20
I+/I*=50
25 °C
I+/I*=20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V+-=10V
450
225
V+-=10V
0.2
0.0
1.0
0.8
0.6
0.4
10
1.0
0.1
0.01
SINGLE PULSE TEST Tamb= 25 deg C
VCE (VOLTS)
TYPICAL CHARACTERISTICS
1.2
-55°C
100°C
25°C
25°C
100°C
-55°C
25°C
100°C
-55°C
25°C
100°C
-55°C
D.C.
1s
100ms
10ms
1ms
100µs
1mA
1.0
1mA
10A
1mA
1mA
10A
1mA
0.0
0.1
0.2
0.3
0.4
0.5
0.1
0.0
0.2
0.3
0.4
0.5
Safe Operating Area
VCE(SAT) vs IC
VCE(SAT) vs IC
VBE(SAT) vs IC
hFE vs IC
VBE(ON) vs IC
10
100
1000
10mA
100mA
1A
10mA
100mA
1A
10mA
100mA
1A
10mA
100mA
1A
10mA
100mA
1A
FMMT624
3 - 156
3 - 157



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com