Electronic Components Datasheet Search
  English  ▼

X  

74AHCT2G08DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT2G08DP
Description  Dual 2-input AND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G08DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT2G08DP Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G08DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74AHC_AHCT2G08_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2009
7 of 14
NXP Semiconductors
74AHC2G08; 74AHCT2G08
Dual 2-input AND gate
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
74AHCT2G08
tpd
propagation
delay
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
6.2
1.0
7.1
1.0
8.0
ns
CL = 50 pF
-
5.1
7.9
1.0
9.0
1.0
10.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-19-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Fig 6.
The input (nA and nB) to output (nY) propagation delays.
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL
Table 9.
Measurement points
Type
Input
Output
VM
VM
74AHC2G08
0.5VCC
0.5VCC
74AHCT2G08
1.5 V
0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com