Electronic Components Datasheet Search
  English  ▼

X  

74ALVC373 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74ALVC373
Description  Octal D-type transparent latch; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC373 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74ALVC373 Datasheet HTML 9Page - NXP Semiconductors 74ALVC373 Datasheet HTML 10Page - NXP Semiconductors 74ALVC373 Datasheet HTML 11Page - NXP Semiconductors 74ALVC373 Datasheet HTML 12Page - NXP Semiconductors 74ALVC373 Datasheet HTML 13Page - NXP Semiconductors 74ALVC373 Datasheet HTML 14Page - NXP Semiconductors 74ALVC373 Datasheet HTML 15Page - NXP Semiconductors 74ALVC373 Datasheet HTML 16Page - NXP Semiconductors 74ALVC373 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
74ALVC373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2007
14 of 17
NXP Semiconductors
74ALVC373
Octal D-type transparent latch; 3-state
Fig 15. Package outline SOT764-1 (DHVQFN20)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.6
4.4
Dh
3.15
2.85
y1
2.6
2.4
1.15
0.85
e1
3.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT764-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT764-1
DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
20 terminals; body 2.5 x 4.5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
29
19
12
11
10
1
20
X
D
E
C
B
A
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)
02-10-17
03-01-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com