Electronic Components Datasheet Search
  English  ▼

X  

FMMTA92 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FMMTA92
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTA92 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FMMTA92 Datasheet HTML 1Page - Zetex Semiconductors FMMTA92 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL CHARACTERISTICS
50
40
0.1
10
100
60
1.0
VCE=10V
110
30
0.1
10
100
1.0
50
90
130
70
150
170
IC-Collector Current (mA)
0
10
1.0
IC / IB=10
1.0
3.0
2.0
100
VCE=20V
VCE(sat) vs IC
hFE v IC
IC-Collector Current (mA)
IC-Collector Current (mA)
fT vs IC
FMMTA92
TBA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com