Electronic Components Datasheet Search
  English  ▼

X  

FMMTL619 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMTL619
Description  NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTL619 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMTL619 Datasheet HTML 1Page - Zetex Semiconductors FMMTL619 Datasheet HTML 2Page - Zetex Semiconductors FMMTL619 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
B
E
SOT23 NPN SILICON PLANAR HIGH GAIN
MEDIUM POWER TRANSISTOR
ISSUE 1 – NOVEMBER 1997
FEATURES
Very low equivalent on-resistance; R
CE(sat)=160mΩ at 1.25A
COMPLEMENTARY TYPE –
FMMTL720
PARTMARKING DETAIL –
L69
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1.25
A
Peak Pulse Current
ICM
2A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
FMMTL619


Similar Part No. - FMMTL619

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTL619 ZETEX-FMMTL619 Datasheet
77Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FMMTL619 DIODES-FMMTL619 Datasheet
84Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN
NOVEMBER 2005
logo
List of Unclassifed Man...
FMMTL619TA ETC2-FMMTL619TA Datasheet
84Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMTL619 ZETEX-FMMTL619_05 Datasheet
77Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
More results

Similar Description - FMMTL619

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FXT690B ZETEX-FXT690B Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JULY 1995
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
NOVEMBER 1995
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1994
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FEBRUARY 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com