Electronic Components Datasheet Search
  English  ▼

X  

TMC236 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC236
Description  Microstep Driver for up to 1.5A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC236 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC236 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTEGRATED CIRCUITS
POWER DRIVER FOR STEPPER MOTORS
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
TMC
236
Microstep Driver for
up to 1.5A
The TMC236 is a smart power microstepping driver for bipolar
stepper motors. It provides an SPI™ interface as well as the
classical analog/digital control. A full set of protection and diag-
nostic features makes this device very rugged. The integrated
low-RDS-ON TrenchFET® power MOSFETs give an extremely high
efficiency and allow driving of a high motor current of up to
1.5A per phase without cooling measures even at high environ-
ment temperatures.
The small footprint and high efficiency make the device a per-
fect solution for embedded motion control and even for battery
powered designs.
The evaluation can be done with the TMC246, as the only differ-
ence is the additional stallGuard™ feature.
full protection and diagnostics
low power dissipation
16 times microstepping via SPI,
64 times using additional shift register,
even more via analog control
mixed decay for smooth operation
programmable slope control for low EME
internal or external chopper clock
standby and shutdown mode
•
•
•
•
•
•
•
INTERFACE
easy-to-use SPI™ interface
classical analog interface
•
•
ELECTRICAL
DATA
up to 1500 mA coil current (peak)
7V to 34V motor supply (TMC236A)
3.3V or 5V operation for digital part
•
•
•
PACKAGE
standard PQFP-44 package
RoHS compliant
•
•
ORDER CODE
DESCRIPTION
TMC236A-PA
1.5A driver, PQFP-44
TMC428A-EVAL
Evaluation board for TMC428, TMC246A and TMC249A with stallGuard™
TMC236
3.3 / 5V DC
7..34V DC
IN A
IN B
ERROR
SPI
C/CLK
Temp / Volt
protection
2x
4 bit
DACs
OSC
Control
&
Diagnostics
PWM control
&
Gate Driver
Coil A
internal
Driver
Stage
internal
Driver
Stage
Current
monitoring
PWM control
&
Gate Driver
Coil B
Step
Motor
11


Similar Part No. - TMC236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236 Datasheet
553Kb / 27P
High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC236 TRINAMIC-TMC236 Datasheet
610Kb / 27P
Stepper motor
logo
List of Unclassifed Man...
TMC236/A ETC2-TMC236/A Datasheet
189Kb / 25P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC236A ETC2-TMC236A Datasheet
189Kb / 25P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
More results

Similar Description - TMC236

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
logo
NEC
UPD168110 NEC-UPD168110 Datasheet
200Kb / 18P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168111A NEC-UPD168111A Datasheet
208Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
TRINAMIC Motion Control...
TMC211 TRINAMIC-TMC211 Datasheet
370Kb / 1P
Microstep Controller/Driver for up to 0.8A with LIN Interface
TMC239 TRINAMIC-TMC239 Datasheet
463Kb / 1P
Microstep Driver for External MOSFETs for up to 4A
TMC246 TRINAMIC-TMC246 Datasheet
608Kb / 1P
Microstep Driver for up to 1.5A with stall Guard?
TMC249 TRINAMIC-TMC249 Datasheet
499Kb / 1P
Microstep Driver for External MOSFETs for up to 4A with stall Guard?
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
Microstep Driver Motor Driver IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com