Electronic Components Datasheet Search
  English  ▼

X  

74AUP2G79GD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74AUP2G79GD
Description  Low-power dual D-type flip-flop; positive-edge trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G79GD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74AUP2G79GD Datasheet HTML 9Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 10Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 11Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 12Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 13Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 14Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 15Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 16Page - NXP Semiconductors 74AUP2G79GD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
74AUP2G79_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
13 of 21
NXP Semiconductors
74AUP2G79
Low-power dual D-type flip-flop; positive-edge trigger
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 9.
The clock input (nCP) to output (nQ) propagation delays, nCP clock pulse width, nD to nCP set-up times,
nCP to nD hold times and the nCP maximum frequency
001aaf272
th
tsu
th
tPHL
tW
tPLH
tsu
1/fmax
VM
VM
VM
VI
GND
VI
GND
nCP input
nD input
VOH
VOL
nQ output
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× VCC
0.5
× VCC
VCC
≤ 3.0 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com