Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 1 Page - Diotech Company.

Part # 1SS400
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1SS400 Datasheet(HTML) 1 Page - Diotech Company.

  1SS400 Datasheet HTML 1Page - Diotech Company. 1SS400 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS400
SURFACE MOUNT FAST SWITCHING DIODE
Features
APPLICATION
Maximum Ratings @T
A=25°C unless otherwise specified
Electrical Characteristics @T
A=25°C unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC Reverse voltage
VR
80
V
Continuous forward current
IF
225
mA
Surge current
IFSM
0.5
A
Total power dissipation
Ptot
200
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55-150
℃
Parameter
Symbol Min.
Typ. Max. Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
μ
A
VR=80V
Diode capacitance
Cd
0.72 2.0
pF
VR=0.5V,f=1MHz
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
Extremely fast reverse recovery time to
reduce switching losses
Also available in lead-free plating
(100% matte tin finish)
Very low capacitance for reduced insertion losses
Reverse voltage rating of 80V
Mobile phones and accessories
Hand-held computers
High Speed Switching Applications
Dim
A
B
C
D
H
J
K
Min
1.10
0.70
0.50
0.25
0.16
0.11
1.50
Max
1.30
0.90
0.70
0.35
0.24
0.13
1.70
SOD-523
PIN 1. CATHODE
2. ANODE


Similar Part No. - 1SS400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
Switching diode
logo
Leshan Radio Company
1SS400 LRC-1SS400 Datasheet
50Kb / 2P
Switching diode
logo
Weitron Technology
1SS400 WEITRON-1SS400 Datasheet
520Kb / 3P
Surface Mount Switching Diodes
logo
Pan Jit International I...
1SS400 PANJIT-1SS400 Datasheet
140Kb / 4P
SURFACE MOUNT SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1SS400 TEL-1SS400 Datasheet
96Kb / 2P
Plastic-Encapsulate Diodes
More results

Similar Description - 1SS400

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com