Electronic Components Datasheet Search
  English  ▼

X  

GDZJ2.0 Datasheet(PDF) 5 Page - Diotech Company.

Part # GDZJ2.0
Description  500mW EPITAXIAL ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GDZJ2.0 Datasheet(HTML) 5 Page - Diotech Company.

  GDZJ2.0 Datasheet HTML 1Page - Diotech Company. GDZJ2.0 Datasheet HTML 2Page - Diotech Company. GDZJ2.0 Datasheet HTML 3Page - Diotech Company. GDZJ2.0 Datasheet HTML 4Page - Diotech Company. GDZJ2.0 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATINGS AND CHARACTERISTIC CURVES
GDZJ - SERIES
Fig. 7 Forward Current vs. Forward Voltage
Fig. 8 Z-Current vs. Z-Voltage
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
V F – Forward Voltage(V )
Tj=25°C
0
4
8
12
16
20
0
20
40
60
80
100
V Z – Z-Voltage(V )
Ptot=500mW
Tamb=25°C
Fig. 9 Z-Current vs. Z-Voltage
Fig. 10 Differential Z-Resistance vs. Z-Voltage
15
20
25
30
0
10
20
30
40
50
V Z – Z-Voltage(V )
35
Ptot=500mW
Tamb=25°C
0
5
10
15
20
1
10
100
1000
V Z – Z-Voltage(V )
25
Tj=25°C
IZ=1mA
5mA
10mA
1
10
100
1000
tp – Pulse Length( ms )
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=300K/W
T=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzj
T/Zthp)1/2)/(2rzj)
x
Fig. 11 Thermal Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com