Electronic Components Datasheet Search
  English  ▼

X  

KBL401 Datasheet(PDF) 1 Page - Diotech Company.

Part # KBL401
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

KBL401 Datasheet(HTML) 1 Page - Diotech Company.

  KBL401 Datasheet HTML 1Page - Diotech Company. KBL401 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL4005 THRU KBL407
SINGLE PHASE SILICON BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 4.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
●
Ideal for printed circuit board
●
●
High case dielectric strength
●
High temperature soldering guaranteed:
260°C/10 seconds at 5lbs. (2.3kg) tension
●
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
●
Terminals: Plated leads solderable per
MIL-STD 202, method 208
●
Mounting Position: Any
●
Marking: Type Number
Surge overload rating: 150A peak
KBL / RS
Dimensions in inches and (millimeters)
.728(18.5)
.768(19.5)
.640(16.3)
.600(15.2)
.547(13.9)
.587(14.9)
.048(1.2)TYP.
.052(1.3)DIA.
MIN.
.750
(19.0)
.180(4.6)
.220(5.6)
.256(6.5)
.236(6.0)
.087(2.2)
.071(1.8)
Characteristic
Symbol
KBL
4005
KBL
401
KBL
402
KBL
404
KBL
405
KBL
406
KBL
407
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 75°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage (per element)
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 1)
I2t
166
A2s
Typical Thermal Resistance (Note 2)
R JC
19
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
°C


Similar Part No. - KBL401

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Won-Top Electronics
KBL401 WTE-KBL401 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBL401 JGD-KBL401 Datasheet
137Kb / 2P
SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
KBL401 SSE-KBL401 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBL401 EIC-KBL401 Datasheet
19Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBL401

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com