Electronic Components Datasheet Search
  English  ▼

X  

W06 Datasheet(PDF) 1 Page - Diotech Company.

Part # W06
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

W06 Datasheet(HTML) 1 Page - Diotech Company.

  W06 Datasheet HTML 1Page - Diotech Company. W06 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W005 THRU W10
SINGLE PHASE SILICON BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
V
V
A
1.5
50
UNITS
Maximum Average Forward Output Current at TA = 25oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
V
A
W005
W01
W02
50
200
400
100
600
800
1000
DC Blocking Voltage per element
VF
IR
1.0
500
uA
Element at 1.5A DC
Maximum DC Forward Voltage Drop per Bridge
V
@TA = 25oC
@TA = 125oC
10.0
Maximum Reverse Current at rated
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0
C
I2t Rating for Fusing (t<8.3ms)
I2t
10
A2Sec
Typical Junction Capacitance ( Note1)
CJ
24
pF
Typical Thermal Resistance (Note 2)
RθJ A
36
0C/W
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
CHARACTERISTICS
●
Ideal for printed circuit board
●
●
High case dielectric strength
●
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
●
Terminals: Plated leads solderable per
MIL-STD 202E, method 208C
●
Mounting Position: Any
●
Weight: 1.10 g
●
Marking: Type Number
W04
W06
W08
W10
Surge overload rating: 50A peak
WOB


Similar Part No. - W06

ManufacturerPart #DatasheetDescription
logo
Surge Components
W06 SURGE-W06 Datasheet
107Kb / 2P
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Semtech Corporation
W06 SEMTECH-W06 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W06 SSE-W06 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W06 CHENYI-W06 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
W06 EIC-W06 Datasheet
17Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - W06

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com