Electronic Components Datasheet Search
  English  ▼

X  

VR-3 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # VR-3
Description  POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

VR-3 Datasheet(HTML) 2 Page - fujitsu semiconductor

  VR-3 Datasheet HTML 1Page - fujitsu semiconductor VR-3 Datasheet HTML 2Page - fujitsu semiconductor VR-3 Datasheet HTML 3Page - fujitsu semiconductor VR-3 Datasheet HTML 4Page - fujitsu semiconductor VR-3 Datasheet HTML 5Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
VR SERIES
NOT
FOR
NEW
DESIGNS
s SPECIFICATIONS
Item
VR, VRB
Contact
Arrangement
1 form A (SPST-NO)
Material
Silver-cadmium oxide
Style
Single
Resistance (initial)
Maximum 100 m
Ω
(at 1 A 6 VDC)
Rating (resistive)
15 A 30 VDC/277 VAC
Maximum Carrying Current
15 A
Maximum Switching Power
4,155 VA, 450 W
Maximum Switching Voltage
277 VAC, 30 VDC
Maximum Switching Current
15 A
Minimum Switching Load *1
100 mA 5 VDC
Coil
Nominal Power (at 20
°C)
0.8 W
Operate Power (at 20
°C)
0.36 W
Operating Temperature
–40
°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 15 ms
Release (at nominal voltage)
Maximum 10 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
Ω
Dielectric
between open contacts
1,000 VAC 1 minute
Strength
between coil and contacts
5,000 VAC 1 minute
Surge Strength
10,000 V (at 1.2
× 50 µs)
Life
Mechanical
5
× 106 operations minimum
Electrical
1
× 105 operations minimum (contact rating)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.65 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 2.0 mm)
Shock
Misoperation
200 m/s2 (11 ± 1 ms)
Resistance
Endurance
1,000 m/s2 (6 ± 1 ms)
Weight
Approximately 24 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and
expected reliability levels.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com