Electronic Components Datasheet Search
  English  ▼

X  

DF12 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DF12
Description  IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45 (recessed)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DF12 Datasheet(HTML) 1 Page - Schurter Inc.

  DF12 Datasheet HTML 1Page - Schurter Inc. DF12 Datasheet HTML 2Page - Schurter Inc. DF12 Datasheet HTML 3Page - Schurter Inc. DF12 Datasheet HTML 4Page - Schurter Inc. DF12 Datasheet HTML 5Page - Schurter Inc. DF12 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Power Entry Modules with Line Filter
DF2
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45 (recessed)
Standard- or Medical-Filter
C14
70° C
Description
-PanelMount:
Screw-onmountingfromfrontside
-3Functions:
ApplianceInletProtectionclassI,circuitbreakertypeTA452-
pole,Linefilterinstandardandmedicalversion
-Quickconnectterminals6.3x0.8mm
-Alternative:versionwithoutlinefilterDF11
-Substitutefortype5145
Approvals
-VDELicenseNumber:40012935
-ULLicenseNumber:E72928
Characteristics
-Allsingleelementsarealreadywired
-Lineswitchnon-illuminatedorilluminated
Thermaloverloadprotection
Optionalwithundervoltage-orremotetriprelease
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Unwiredversions
-Lineswitch1-pole
-Otherrockermarking
-MedicalversionM80
-CapacitanceCX1
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-15A@Ta40°C/250VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-10°Cto55°C
ClimaticCategory
10/055/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
CircuitBreakers
Acc.IEC/EN60934,UL1077,CSA
22.2no.235
2-polerockerswitch,illuminatedornon-
illuminated.Optionalwithundervoltage-
orremotetriprelease
ShortcircuitcapacityIcn:
atIn<3A/240VAC:10xIn
atIn
≥3A/240VAC:300A
LineSwitch
Rockerswitch2-polenon-illuminatedor
illuminatedacc.toIEC61058-1
Technicaldetails
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>100'000hacc.toMIL-HB-217F


Similar Part No. - DF12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DF12 SCHURTER-DF12 Datasheet
694Kb / 7P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12 Datasheet
703Kb / 7P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
logo
Hirose Electric
DF12(3.0)-10DP-0.5V(86) HIROSE-DF12(3.0)-10DP-0.5V(86) Datasheet
264Kb / 12P
0.5mm Pitch SMT Board to Board Connector
DF12(3.0)-10DS-0.5V HIROSE-DF12(3.0)-10DS-0.5V Datasheet
264Kb / 12P
0.5mm Pitch SMT Board to Board Connector
DF12(3.0)-14DP-0.5V(86) HIROSE-DF12(3.0)-14DP-0.5V(86) Datasheet
264Kb / 12P
0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5145 SCHURTER-5145 Datasheet
1Mb / 6P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
EF12 SCHURTER-EF12 Datasheet
1Mb / 6P
IEC Appliance Inlet C20 with Filter, Circuit Breaker TA45 (recessed)
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF12 SCHURTER-DF12_18 Datasheet
703Kb / 7P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
IEC Appliance Inlet C14 with Circuit Breaker TA45
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
EF12 SCHURTER-EF12_V01 Datasheet
874Kb / 11P
IEC Appliance Inlet C20 with Filter, Circuit Breaker TA45 (recessed)
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com