Electronic Components Datasheet Search
  English  ▼

X  

DFKF Datasheet(PDF) 1 Page - Schurter Inc.

Part # DFKF
Description  Magnetically Compensated Choke, 1-phase, flat design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DFKF Datasheet(HTML) 1 Page - Schurter Inc.

  DFKF Datasheet HTML 1Page - Schurter Inc. DFKF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Suppression Chokes
DFKF
www.schurter.com/pg8_82
EMC Products
Magnetically Compensated Choke, 1-phase, flat design
Description
-Currentcompensatedchoke
-1-phasechoke
-THT-terminals
-Inductorhorizontallypositionedinhousing
-SMDversiononrequest
Standards
-EN60938
Applications
-Attenuationofcommonmodeinterferences
-Designedfor230/400VACapplications
-Chopperamplifiers
-DCdrivesandsteppermotorcontrols
-Switchingpowersupplies
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
Ratedvoltage
upto440VAC
RatedCurrent
0.4-4A@Ta40°C
Ratedinductance
0.6-40mH,Tol.-30%+50%
PowerOperatingFrequency
50-400Hz
Terminaltechnic
THT
Weight
5-16g
Material:Housing
UL94V-0
SealingCompound
UL94V-0
TestVoltage
1.8kV,50Hz,1min,windingtowinding
IsolationVoltage
2kVeff.,windingtoambient
ClimaticCategory
25/100/21acc.toIEC60068-1
AllowableOperationTemp.
-25°Cto100°C
Dimensions
Case 04-2
2.2
10±0.2
3.5
0
-0.5
17.8 max.
2
1
4
3
12.4±0.2
Case 15-2
2.0
15±0.2
3.5
0
-0.5
27.4 max.
2
1
4
3
16.5±0.2


Similar Part No. - DFKF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFKF SCHURTER-DFKF Datasheet
291Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKF SCHURTER-DFKF Datasheet
302Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKF SCHURTER-DFKF_V01 Datasheet
302Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
More results

Similar Description - DFKF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFK SCHURTER-DFK Datasheet
423Kb / 3P
Magnetically Compensated Choke, 1- and 3-phase
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
Magnetically Compensated Choke, 1-phase, high design
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
Magnetically Compensated Choke, compact
DFK SCHURTER-DFK_17 Datasheet
459Kb / 4P
Magnetically Compensated Choke, 1- and 3-phase
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
Magnetically Compensated Choke, 1-phase, high design
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
Magnetically Compensated Choke, compact
DFKF SCHURTER-DFKF_V01 Datasheet
302Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
Magnetically Compensated Choke, 1-phase, high design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com