Electronic Components Datasheet Search
  English  ▼

X  

SMBJ13CA Datasheet(PDF) 2 Page - Diotech Company.

Part # SMBJ13CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMBJ13CA Datasheet(HTML) 2 Page - Diotech Company.

  SMBJ13CA Datasheet HTML 1Page - Diotech Company. SMBJ13CA Datasheet HTML 2Page - Diotech Company. SMBJ13CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMBJ5.0 THRU SMBJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand - Off Voltage - 5.0 to 170 Volts
Peak Pulse Power - 600 Watt
UNI- POLAR BI-POLAR(1) UNI
BI
SMBJ5.0A
SMBJ5.0CA KE
AE
5.0
6.40
7.00
10
9.2
65.3
800
SMBJ6.0A
SMBJ6.0CA KG
AG
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA KK
AK
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA KM
AM
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7.5A
SMBJ7.5CA KP
AP
7.5
8.33
9.21
1
12.9
46.6
100
SMBJ8.0A
SMBJ8.0CA KR
AR
8.0
8.89
9.83
1
13.6
44.2
50
SMBJ8.5A
SMBJ8.5CA KT
AT
8.5
9.44
10.40
1
14.4
41.7
20
SMBJ9.0A
SMBJ9.0CA KV
AV
9.0
10.00
11.10
1
15.4
39.0
10
SMBJ10A
SMBJ10CA
KX
AX
10.0
11.10
12.30
1
17.0
35.3
5
SMBJ11A
SMBJ11CA
KZ
AZ
11.0
12.20
13.50
1
18.2
33.0
5
SMBJ12A
SMBJ12CA
LE
BE
12.0
13.30
14.70
1
19.9
30.2
5
SMBJ13A
SMBJ13CA
LG
BG
13.0
14.40
15.90
1
21.5
28.0
5
SMBJ14A
SMBJ14CA
LK
BK
14.0
15.60
17.20
1
23.2
25.9
5
SMBJ15A
SMBJ15CA
LM
BM
15.0
16.70
18.50
1
24.4
24.6
5
SMBJ16A
SMBJ16CA
LP
BP
16.0
17.80
19.70
1
26.0
23.1
5
SMBJ17A
SMBJ17CA
LR
BR
17.0
18.90
20.90
1
27.6
21.8
5
SMBJ18A
SMBJ18CA
LT
BT
18.0
20.00
22.10
1
29.2
20.6
5
SMBJ20A
SMBJ20CA
LV
BV
20.0
22.20
24.50
1
32.4
18.6
5
SMBJ22A
SMBJ22CA
LX
BX
22.0
24.40
26.90
1
35.5
16.9
5
SMBJ24A
SMBJ24CA
LZ
BZ
24.0
26.70
29.50
1
38.9
15.5
5
SMBJ26A
SMBJ26CA
ME
CE
26.0
28.90
31.90
1
42.1
14.3
5
SMBJ28A
SMBJ28CA MG CG
28.0
31.10
34.40
1
45.4
13.3
5
SMBJ30A
SMBJ30CA
MK
CK
30.0
33.30
36.80
1
48.4
12.4
5
SMBJ33A
SMBJ33CA MM CM
33.0
36.70
40.60
1
53.3
11.3
5
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.00
44.20
1
58.1
10.4
5
SMBJ40A
SMBJ40CA MR
CR
40.0
44.40
49.10
1
64.5
9.3
5
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.80
52.80
1
69.4
8.7
5
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.00
55.30
1
72.7
8.3
5
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.30
58.90
1
77.4
7.8
5
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.70
62.70
1
82.4
7.3
5
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.00
66.30
1
87.1
6.9
5
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.40
71.20
1
93.6
6.5
5
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.70
73.70
1
96.8
6.2
5
SMBJ64A
SMBJ64CA NM DM
64.0
71.10
78.60
1
103.0
5.9
5
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.80
86.00
1
113.0
5.3
5
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.30
92.10
1
121.0
5.0
5
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.70
95.80
1
126.0
4.8
5
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.40
104.00
1
137.0
4.4
5
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.00
111.00
1
146.0
4.1
5
SMBJ100A SMBJ100CA NZ
DZ
100.0
111.00
123.00
1
162.0
3.7
5
SMBJ110A
PE
110.0
122.00
135.00
1
177.0
3.4
5
SMBJ120A
PG
120.0
133.00
147.00
1
193.0
3.1
5
SMBJ130A
PK
130.0
144.00
159.00
1
209.0
2.9
5
SMBJ150A
PM
150.0
167.00
185.00
1
243.0
2.5
5
SMBJ160A
PP
160.0
178.00
197.00
1
259.0
2.3
5
SMBJ170A
PR
170.0
189.00
209.00
1
275.0
2.2
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
for parts without A , the VBR is +
+
10%.
BREAK DOWN
VOLTAGE
VBR(V)(1)
VBR(V)(2)
MAX.@IT
TEST
CURRE
NT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
SMBJ
PART NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR(µA)(3)
SMBJ110CA
SMBJ120CA
SMBJ130CA
SMBJ150CA
SMBJ160CA
SMBJ170CA
EE
EG
EK
EM
EP
ER
NOTE: 1. Suffix C denotes Bi-direction device, Suffix A denotes the V is 5%
BR
2. V messured with I Current pulse=300us.
BR
T
3.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com