Electronic Components Datasheet Search
  English  ▼

X  

FEC Datasheet(PDF) 2 Page - Schurter Inc.

Part # FEC
Description  Caps to Holder FEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEC Datasheet(HTML) 2 Page - Schurter Inc.

  FEC Datasheet HTML 1Page - Schurter Inc. FEC Datasheet HTML 2Page - Schurter Inc. FEC Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholders
Caps to FEC
www.schurter.com/pg02
Fuses
Variants
Cap
Fuse-Link
Degree of Protection Order Number
Slot Knob
5 x 20mm
IP 40
0031.1611
Slot Knob
6.3 x 32mm
IP 40
0031.1613
Fingergrip
6.3 x 32mm
IP 40
0031.1616
Packaging Unit
PlasticBag(100pcs.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com