Electronic Components Datasheet Search
  English  ▼

X  

74HC2G00DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC2G00DP
Description  Dual 2-input NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G00DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC2G00DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74HC_HCT2G00_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 July 2008
3 of 13
NXP Semiconductors
74HC2G00; 74HCT2G00
Dual 2-input NAND gate
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8 package: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A
1, 5
data input
1B, 2B
2, 6
data input
GND
4
ground (0 V)
1Y, 2Y
7, 3
data output
VCC
8
supply voltage
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LLH
LH
H
HL
H
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
[1] -25
mA
ICC
supply current
[1] -50
mA
IGND
ground current
[1]
−50
-
mA
Tstg
storage temperature
−65
+150
°C
PD
dynamic power dissipation
Tamb = −40 °C to +125 °C
[2] -
300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com