Electronic Components Datasheet Search
  English  ▼

X  

74HCT2G08GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT2G08GD
Description  Dual 2-input AND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G08GD Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT2G08GD Datasheet HTML 1Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 2Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 3Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 4Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 5Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 6Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 7Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 8Page - NXP Semiconductors 74HCT2G08GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC_HCT2G08_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 7 May 2009
2 of 14
NXP Semiconductors
74HC2G08; 74HCT2G08
Dual 2-input AND gate
4.
Marking
5.
Functional diagram
Table 2.
Marking code
Type number
Marking code
74HC2G08DP
H08
74HCT2G08DP
T08
74HC2G08DC
H08
74HCT2G08DC
T08
74HC2G08GD
H08
74HCT2G08GD
T08
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah788
1A
1B
1Y
2A
2B
2Y
001aah789
&
&
Fig 3.
Logic diagram (one gate)
mna221
A
B
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com