Electronic Components Datasheet Search
  English  ▼

X  

74HC3G07 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC3G07
Description  Triple buffer with open-drain outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G07 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC3G07 Datasheet HTML 1Page - NXP Semiconductors 74HC3G07 Datasheet HTML 2Page - NXP Semiconductors 74HC3G07 Datasheet HTML 3Page - NXP Semiconductors 74HC3G07 Datasheet HTML 4Page - NXP Semiconductors 74HC3G07 Datasheet HTML 5Page - NXP Semiconductors 74HC3G07 Datasheet HTML 6Page - NXP Semiconductors 74HC3G07 Datasheet HTML 7Page - NXP Semiconductors 74HC3G07 Datasheet HTML 8Page - NXP Semiconductors 74HC3G07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT3G07_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2009
2 of 13
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking code
Type number
Marking code
74HC3G07DP
H07
74HCT3G07DP
T07
74HC3G07DC
H07
74HCT3G07DC
T07
74HC3G07GD
H07
74HCT3G07GD
T07
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one buffer)
001aah762
3A
3Y
2A
2Y
1A
1Y
001aah763
3Y
3A
2Y
2A
1Y
1A
1
1
1
mna591
Y
A
GND
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74HC3G07
74HCT3G07
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aak032
1
2
3
4
6
5
8
7
001aak033
74HC3G07
74HCT3G07
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com