Electronic Components Datasheet Search
  English  ▼

X  

74HC3G34 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC3G34
Description  Triple buffer gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G34 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC3G34 Datasheet HTML 1Page - NXP Semiconductors 74HC3G34 Datasheet HTML 2Page - NXP Semiconductors 74HC3G34 Datasheet HTML 3Page - NXP Semiconductors 74HC3G34 Datasheet HTML 4Page - NXP Semiconductors 74HC3G34 Datasheet HTML 5Page - NXP Semiconductors 74HC3G34 Datasheet HTML 6Page - NXP Semiconductors 74HC3G34 Datasheet HTML 7Page - NXP Semiconductors 74HC3G34 Datasheet HTML 8Page - NXP Semiconductors 74HC3G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT3G34_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
2 of 13
NXP Semiconductors
74HC3G34; 74HCT3G34
Triple buffer gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking
Type number
Marking code
74HC3G34DP
H34
74HCT3G34DP
T34
74HC3G34DC
P34
74HCT3G34DC
U34
74HC3G34GD
P34
74HCT3G34GD
U34
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna744
1A
1Y
17
3Y
3A
26
2A
2Y
35
7
1
1
1
5
3
mna745
1
2
6
Fig 3.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 4.
Pin configuration SOT996-2 (XSON8U)
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aae470
1
2
3
4
6
5
8
7
74HC3G34
74HCT3G34
001aak021
74HC3G34
74HCT3G34
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com