Electronic Components Datasheet Search
  English  ▼

X  

FZT855 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FZT855
Description  NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT855 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FZT855 Datasheet HTML 1Page - Zetex Semiconductors FZT855 Datasheet HTML 2Page - Zetex Semiconductors FZT855 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
250
375
V
IC=100A
Collector-Emitter
Breakdown Voltage
V(BR)CER
250
375
V
IC=1A, RB1k
Collector-Emitter
Breakdown Voltage
V(BR)CEO
150
180
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
68
V
IE=100A
Collector Cut-Off Current
ICBO
50
1
nA
A
VCB=200V
VCB=200V,
Tamb=100°C
Collector Cut-Off Current
ICER
R
1k
50
1
nA
A
VCB=200V
VCB=200V,
Tamb=100°C
Emitter Cut-Off Current
IEBO
10
nA
VEB=6V
Collector-Emitter Saturation
Voltage
VCE(sat)
20
35
60
260
40
65
110
355
mV
mV
mV
mV
IC=100mA, IB=5mA*
IC=500mA, IB=50mA*
IC=1A, IB=100mA*
IC=5A, IB=500mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1250
mV
IC=5A, IB=500mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.1
V
IC=5A, VCE=5V*
Static Forward
Current Transfer
Ratio
hFE
100
100
15
200
200
30
10
300
IC=10mA, VCE=5V
IC=1A, VCE=5V*
IC=5A, VCE=5V*
IC=10A, VCE=5V*
Transition Frequency
fT
90
MHz
IC==100mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
22
pF
VCB=10V, f=1MHz
Switching Times
ton
toff
66
2130
ns
ns
IC=1A, IB1=100mA
IB2=100mA, VCC=50V
*Measured under pulsed conditions. Pulse width=300
s. Duty cycle 2%
FZT855
78



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com