Electronic Components Datasheet Search
  English  ▼

X  

74HC27 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC27
Description  Triple 3-input NOR gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC27 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC27 Datasheet HTML 1Page - NXP Semiconductors 74HC27 Datasheet HTML 2Page - NXP Semiconductors 74HC27 Datasheet HTML 3Page - NXP Semiconductors 74HC27 Datasheet HTML 4Page - NXP Semiconductors 74HC27 Datasheet HTML 5Page - NXP Semiconductors 74HC27 Datasheet HTML 6Page - NXP Semiconductors 74HC27 Datasheet HTML 7Page - NXP Semiconductors 74HC27 Datasheet HTML 8Page - NXP Semiconductors 74HC27 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74HC_HCT27_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 January 2008
2 of 16
NXP Semiconductors
74HC27; 74HCT27
Triple 3-input NOR gate
4.
Functional diagram
74HCT27DB
−40 °C to +125 °C
SSOP14
plastic shrink small outline package; 14 leads; body width
5.3 mm
SOT337-1
74HCT27PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads; body
width 4.4 mm
SOT402-1
74HCT27BQ
−40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1
Table 1.
Ordering information …continued
Type number
Package
Temperature range
Name
Description
Version
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna936
1A
1B
1Y
2
1
12
1C
13
2A
2B
2Y
4
3
6
2C
5
3A
3B
3Y
10
9
8
3C
11
mna935
12
≥ 1
≥ 1
≥ 1
2
1
6
4
3
8
10
9
13
5
11
mna937
A
B
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com