Electronic Components Datasheet Search
  English  ▼

X  

74HC165D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC165D
Description  8-bit parallel-in/serial out shift register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC165D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC165D Datasheet HTML 9Page - NXP Semiconductors 74HC165D Datasheet HTML 10Page - NXP Semiconductors 74HC165D Datasheet HTML 11Page - NXP Semiconductors 74HC165D Datasheet HTML 12Page - NXP Semiconductors 74HC165D Datasheet HTML 13Page - NXP Semiconductors 74HC165D Datasheet HTML 14Page - NXP Semiconductors 74HC165D Datasheet HTML 15Page - NXP Semiconductors 74HC165D Datasheet HTML 16Page - NXP Semiconductors 74HC165D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
74HC_HCT165_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 March 2008
13 of 22
NXP Semiconductors
74HC165; 74HCT165
8-bit parallel-in/serial out shift register
The shaded areas indicate when the input is permitted to change for predictable output performance
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
(1) CE may change only from HIGH-to-LOW while CP is LOW, see Section 1.
Fig 10. The set-up and hold times from the serial data input (DS) to the clock (CP) and clock enable (CE) inputs,
from the clock enable input (CE) to the clock input (CP) and from the clock input (CP) to the
clock enable input (CE)
th
tsu
tsu
th
tW
VM
VM
GND
VI
GND
VI
DS input
tsu
VM
mna990
GND
VI
CP, CE input
CP, CE input
(1)
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 11. The set-up and hold times from the data inputs (Dn) to the parallel load input (PL)
mna991
Dn input
PL input
tsu
th
VI
GND
VI
GND
VM
VM
tsu
th
VM
VM
Table 8.
Measurement points
Type
Input
Output
VI
VM
VM
74HC165
VCC
0.5VCC
0.5VCC
74HCT165
3 V
1.3 V
1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com