Electronic Components Datasheet Search
  English  ▼

X  

74HCT253 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT253
Description  Dual 4-input multiplexer; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT253 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT253 Datasheet HTML 1Page - NXP Semiconductors 74HCT253 Datasheet HTML 2Page - NXP Semiconductors 74HCT253 Datasheet HTML 3Page - NXP Semiconductors 74HCT253 Datasheet HTML 4Page - NXP Semiconductors 74HCT253 Datasheet HTML 5Page - NXP Semiconductors 74HCT253 Datasheet HTML 6Page - NXP Semiconductors 74HCT253 Datasheet HTML 7Page - NXP Semiconductors 74HCT253 Datasheet HTML 8Page - NXP Semiconductors 74HCT253 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74HC_HCT253_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 22 April 2010
2 of 17
NXP Semiconductors
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
3.
Applications
Data selectors
Data multiplexers
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC253N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT253N
74HC253D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width
3.9 mm
SOT109-1
74HCT253D
74HC253DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT253DB
Fig 1.
Logic symbol
Fig 2.
Functional diagram
001aal850
1I0
S0
6
14
7
1Y
S1
2
1OE
1
2OE
15
9
2Y
1I1
5
1I2
4
1I3
3
2I0
10
2I1
11
2I2
12
2I3
13
001aal851
6
1I0
MUX
15
MUX
1
5
1I1
4
1I2
1Y
2Y
2OE
3
1I3
14
S0
2
S1
10
2I0
7
11
2I1
12
2I2
13
2I3
1OE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com