Electronic Components Datasheet Search
  English  ▼

X  

TMC239 Datasheet(PDF) 17 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC239
Description  High current microstep stepper motor driver with protection, diagnostics and SPI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC239 Datasheet(HTML) 17 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC239 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. TMC239 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TMC239 / TMC239A DATA SHEET (V2.11 / 2009-Jul-30)
17
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Classical non-SPI control mode (stand alone mode)
The driver can be controlled by analog current control signals and digital phase signals. To enable this
mode, tie pin SPE to GND. In this mode, the SPI interface is disabled and the SPI input pins have
alternate functions. The internal DACs are forced to “1111”.
Pin functions in stand alone mode
Pin
Stand alone
mode name
Function in stand alone mode
SPE
(GND)
Tie to GND to enable stand alone mode
ANN
MDAN
Enable mixed decay for bridge A (low = enable)
SCK
MDBN
Enable mixed decay for bridge B (low = enable)
SDI
PHA
Polarity bridge A (low = current flow from output OA1 to OA2)
CSN
PHB
Polarity bridge B (low = current flow from output OB1 to OB2)
SDO
ERR
Error output (high = overcurrent on any bridge, or over temperature). In this
mode, the pin is never tri-stated.
ENN
ENN
Standby mode (high active), high causes a low power mode of the device.
Setting this pin high also resets all error conditions.
INA,
INB
INA,
INB
Current control for bridge A, resp. bridge B. Refer to AGND. The sense
resistor trip voltage is 0.34V when the input voltage is 2.0V. Maximum input
voltage is 3.0V.
Input signals for microstep control in stand alone mode
Attention: When transferring these waves to SPI operation, please remark, that the mixed decay bits
are inverted when compared to stand alone mode.
90°
180°
270°
360°
INA
INB
PHA
(SDI)
PHB
(CSN)
MDAN
(ANN)
MDBN
(SCK)
Use dotted line to improve performance
at medium velocities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com