Electronic Components Datasheet Search
  English  ▼

X  

74HC299D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC299D
Description  8-bit universal shift register; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC299D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC299D Datasheet HTML 9Page - NXP Semiconductors 74HC299D Datasheet HTML 10Page - NXP Semiconductors 74HC299D Datasheet HTML 11Page - NXP Semiconductors 74HC299D Datasheet HTML 12Page - NXP Semiconductors 74HC299D Datasheet HTML 13Page - NXP Semiconductors 74HC299D Datasheet HTML 14Page - NXP Semiconductors 74HC299D Datasheet HTML 15Page - NXP Semiconductors 74HC299D Datasheet HTML 16Page - NXP Semiconductors 74HC299D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
13 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
[1]
tpd is the same as tPHL and tPLH.
[2]
tpd is the same as tPHL.
[3]
tt is the same as tTHL and tTLH.
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPHZ and tPLZ.
tt
transition time
bus driver (I/On); see Figure 7
[3]
VCC = 4.5 V
-
5
12
-
15
-
18
ns
standard (Q0, Q7); see Figure 7
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
clock HIGH or LOW; see Figure 7
VCC = 4.5 V
20
10
-
25
-
30
-
ns
master reset LOW; see Figure 8
VCC = 4.5 V
20
11
-
25
-
30
-
ns
ten
enable time
OEn to I/On; see Figure 10
[4]
VCC = 4.5 V
-
19
30
-
38
-
45
ns
tPHZ
HIGH to
OFF-state
propagation
delay
OEn to I/On; see Figure 10
[5]
VCC = 4.5 V
-
24
37
-
46
-
56
ns
tPLZ
LOW to
OFF-state
propagation
delay
OEn to I/On; see Figure 10
VCC = 4.5 V
-
20
32
-
40
-
48
ns
trec
recovery time
MR to CP; see Figure 8
VCC = 4.5 V
10
2
-
9
-
11
-
ns
tsu
set-up time
I/On, DSR, DSL to CP;
see Figure 7
VCC = 4.5 V
25
14
-
31
-
38
-
ns
S0, S1 to CP; see Figure 9
VCC = 4.5 V
32
18
-
40
-
48
-
ns
th
hold time
I/On, DSR, DSL to CP;
see Figure 7
VCC = 4.5 V
0
−11
-0-0-
ns
S0, S1 to CP; see Figure 9
VCC = 4.5 V
0
−17
-0-0-
ns
fmax
maximum
frequency
CP input; see Figure 7
VCC = 4.5 V
25
42
-
20
-
17
-
MHz
VCC = 5.0 V; CL = 15 pF
-
46
-
----
MHz
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); for test circuit, see Figure 11.
Symbol
Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com