Electronic Components Datasheet Search
  English  ▼

X  

74HC366PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC366PW
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC366PW Datasheet HTML 6Page - NXP Semiconductors 74HC366PW Datasheet HTML 7Page - NXP Semiconductors 74HC366PW Datasheet HTML 8Page - NXP Semiconductors 74HC366PW Datasheet HTML 9Page - NXP Semiconductors 74HC366PW Datasheet HTML 10Page - NXP Semiconductors 74HC366PW Datasheet HTML 11Page - NXP Semiconductors 74HC366PW Datasheet HTML 12Page - NXP Semiconductors 74HC366PW Datasheet HTML 13Page - NXP Semiconductors 74HC366PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
10 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
[1]
tpd is the same as tPHL and tPLH.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPHZ and tPLZ.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
[1]
tpd is the same as tPHL and tPLH.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPHZ and tPLZ.
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
-
90
ns
VCC = 4.5 V
-
-
18
ns
VCC = 6.0 V
-
-
15
ns
Table 8.
Dynamic characteristics 74HC366 …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; see test circuit Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Dynamic characteristics 74HCT366
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; see test circuit Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 4.5 V
-
13
24
ns
VCC = 5 V; CL = 15 pF
-
11
-
ns
ten
enable time
OEn to nY; VCC = 4.5 V; see Figure 7
[2] -
1635ns
tdis
disable time
OEn to nY; VCC = 4.5 V; see Figure 7
[3] -
2035ns
tt
transition time
VCC = 4.5 V; see Figure 6
[4] -
5
12
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to (VCC − 1.5 V)
[5] -30
-
pF
Tamb = −40 °C to +85 °C
tpd
propagation delay
nA to nY; VCC = 4.5 V; see Figure 6
[1] --30
ns
ten
enable time
OEn to nY; VCC = 4.5 V; see Figure 7
[2] --44
ns
tdis
disable time
OEn to nY; VCC = 4.5 V; see Figure 7
[3] --44
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[4] --15
ns
Tamb = −40 °C to +125 °C
tpd
propagation delay
nA to nY; VCC = 4.5 V; see Figure 6
[1] --36
ns
ten
enable time
OEn to nY; VCC = 4.5 V; see Figure 7
[2] --53
ns
tdis
disable time
OEn to nY; VCC = 4.5 V; see Figure 7
[3] --53
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[4] --18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com