Electronic Components Datasheet Search
  English  ▼

X  

HAL1XY Datasheet(PDF) 5 Page - Micronas

Part # HAL1XY
Description  Hall-Effect Switch IC Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1XY Datasheet(HTML) 5 Page - Micronas

  HAL1XY Datasheet HTML 1Page - Micronas HAL1XY Datasheet HTML 2Page - Micronas HAL1XY Datasheet HTML 3Page - Micronas HAL1XY Datasheet HTML 4Page - Micronas HAL1XY Datasheet HTML 5Page - Micronas HAL1XY Datasheet HTML 6Page - Micronas HAL1XY Datasheet HTML 7Page - Micronas HAL1XY Datasheet HTML 8Page - Micronas HAL1XY Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET
HAL1xy
Micronas
April 8, 2009; DSH000150_001EN
5
1.2. Marking Code
All Hall sensors have a marking on the package
surface (branded side). This marking includes the
name of the sensor and the temperature range.
1.3. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
I
: TJ = −20 °C to +125 °C
C: TJ = 0 °C to +85 °C
Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Hall Sensors.
Ordering Codes, Packaging, Handling”.
1.4. Solderability and Welding
Soldering
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260
°C
should not be exceeded.
Welding
Device terminals shall be compatible with laser and
electrical welding. Please, note that the success of the
welding process is subject to different welding parame-
ters which will vary according to the welding technique
used. A very close control of the welding parameters is
absolutely necessary in order to reach satisfying
results. Micronas, therefore, does not give any implied
or express warranty as to the ability to weld the com-
ponent.
Fig. 1–1: Pin configuration
Type
Temperature Range
I
C
HAL101
101I
101C
HAL102
102I
102C
HAL103
103I
103C
HAL104
104I
104C
HAL106
106I
106C
HAL107
107I
107C
HAL108
108I
108C
HAL109
109I
109C
HALXXXPA-T
Temperature Range: I
Package: TQ for SOT89B-3
JQ for TO92UA-6
Type: 1xy
Example: HAL102JQ-I
→ Type: 102
→ Package: TO92UA-6
→ Temperature Range: T
J = −20 °C to +125 °C
1 VDD
2, 4 GND
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com