Electronic Components Datasheet Search
  English  ▼

X  

74HC423D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC423D
Description  Dual retriggerable monostable multivibrator with reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC423D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC423D Datasheet HTML 1Page - NXP Semiconductors 74HC423D Datasheet HTML 2Page - NXP Semiconductors 74HC423D Datasheet HTML 3Page - NXP Semiconductors 74HC423D Datasheet HTML 4Page - NXP Semiconductors 74HC423D Datasheet HTML 5Page - NXP Semiconductors 74HC423D Datasheet HTML 6Page - NXP Semiconductors 74HC423D Datasheet HTML 7Page - NXP Semiconductors 74HC423D Datasheet HTML 8Page - NXP Semiconductors 74HC423D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
74HC_HCT423_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 July 2008
2 of 23
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC423N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT423N
74HC423D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT423D
74HC423BQ
−40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT423BQ
74HCT423DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT423PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Functional Diagram
1Q
Q
S
13
1REXT/CEXT
15
1CEXT
14
1Q
Q
4
9
001aah796
2A
1
1A
10
2B
2
1B
3
1RD
T
RD
Q
S
2REXT/CEXT
7
2CEXT
6
2Q
5
Q
2Q
12
T
11
2RD
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com