Electronic Components Datasheet Search
  English  ▼

X  

74HCT366DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT366DB
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT366DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT366DB Datasheet HTML 1Page - NXP Semiconductors 74HCT366DB Datasheet HTML 2Page - NXP Semiconductors 74HCT366DB Datasheet HTML 3Page - NXP Semiconductors 74HCT366DB Datasheet HTML 4Page - NXP Semiconductors 74HCT366DB Datasheet HTML 5Page - NXP Semiconductors 74HCT366DB Datasheet HTML 6Page - NXP Semiconductors 74HCT366DB Datasheet HTML 7Page - NXP Semiconductors 74HCT366DB Datasheet HTML 8Page - NXP Semiconductors 74HCT366DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
3 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration
74HC366
74HCT366
OE1
VCC
1A
OE2
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aaf580
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
OE1
1
output enable input 1 (active LOW)
1A
2
data input 1
1Y
3
data output 1
2A
4
data input 2
2Y
5
data output 2
3A
6
data input 3
3Y
7
data output 3
GND
8
ground (0 V)
4Y
9
data output 4
4A
10
data input 4
5Y
11
data output 5
5A
12
data input 5
6Y
13
data output 6
6A
14
data input 6
OE2
15
output enable input 2 (active LOW)
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com