Electronic Components Datasheet Search
  English  ▼

X  

74HCT594 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HCT594
Description  8-bit shift register with output register
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT594 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HCT594 Datasheet HTML 9Page - NXP Semiconductors 74HCT594 Datasheet HTML 10Page - NXP Semiconductors 74HCT594 Datasheet HTML 11Page - NXP Semiconductors 74HCT594 Datasheet HTML 12Page - NXP Semiconductors 74HCT594 Datasheet HTML 13Page - NXP Semiconductors 74HCT594 Datasheet HTML 14Page - NXP Semiconductors 74HCT594 Datasheet HTML 15Page - NXP Semiconductors 74HCT594 Datasheet HTML 16Page - NXP Semiconductors 74HCT594 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
74HC_HCT594_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
13 of 26
NXP Semiconductors
74HC594; 74HCT594
8-bit shift register with output register
tTLH
LOW to
HIGH output
transition
time
see Figure 9
Serial data output Q7S
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
Parallel data outputs
VCC = 2.0 V
-
14
60
-
75
-
90
ns
VCC = 4.5 V
-
5
12
-
15
-
18
ns
VCC = 6.0 V
-
4
10
-
13
-
15
ns
tW
pulse width
SHCP (HIGH or
LOW); see
Figure 9
VCC = 2.0 V
80
10
-
100
-
120
-
ns
VCC = 4.5 V
16
4
-
20
-
24
-
ns
VCC = 6.0 V
14
3
-
17
-
20
-
ns
STCP (HIGH or
LOW); see
Figure 10
VCC = 2.0 V
80
10
-
100
-
120
-
ns
VCC = 4.5 V
16
4
-
20
-
24
-
ns
VCC = 6.0 V
14
3
-
17
-
20
-
ns
SHR and STR
(HIGH or LOW);
see Figure 13
and Figure 14
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
Table 8.
Dynamic characteristics type 74HC594 …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; see Figure 15.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com