Electronic Components Datasheet Search
  English  ▼

X  

ZMR Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZMR
Description  FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZMR Datasheet HTML 1Page - Zetex Semiconductors ZMR Datasheet HTML 2Page - Zetex Semiconductors ZMR Datasheet HTML 3Page - Zetex Semiconductors ZMR Datasheet HTML 4Page - Zetex Semiconductors ZMR Datasheet HTML 5Page - Zetex Semiconductors ZMR Datasheet HTML 6Page - Zetex Semiconductors ZMR Datasheet HTML 7Page - Zetex Semiconductors ZMR Datasheet HTML 8Page - Zetex Semiconductors ZMR Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Input voltage (ZMR25H)
22.5V
ZMR250
20V
(ZMR50H)
25V
ZMR500
20V
Package power dissipation
SOT23
500mW (Note 3)
(Tamb=25 °C)
TO92
600mW
Output current (IO)
100mA
Operating temperature
-55 to 125°C
Storage temperature
-65 to 150°C
Note:
1. The maximum operating input voltage and output current of the device will be governed by
the maximum power dissipation of the selected package. Maximum package power dissipation
is specified at 25 °C and must be linearly derated to zero at Tamb =125°C.
2. The following data represents pulse test conditions with junction temperatures as indicated at
the initiation of the test. Continuous operation of the devices with the stated conditions might
exceed the power dissipation limits of the chosen package.
3. Maximum power dissipation for the SOT23 package, is calculated assuming that the device is
mounted on a ceramic substrate measuring 15 x 15 x 0.6mm.
ZMR25H
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=10mA, Vin=6.5V
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
2.438
2.5
2.563
V
IO=0 to 50mA
Tj=-55 to 125°C
2.360
2.640
V
Vin=4.5 to 22.5V
IO=0 to 50mA
Tj=-55 to 125°C
2.360
2.640
V
∆V
O
Line Regulation
V
in=4.5 to 22.5V
5
15
mV
∆V
O
Load Regulation
IO=0 to 50mA
IO=0 to 10mA
20
12
30
mV
mV
l
s
Supply Current
Tj=-55 to 125°C30
40
µA
∆l
s
Supply Current Change
IO=0 to 50mA
Vin=4.5 to 22.5V
1
2
±10
10
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10KHz
65
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=6.3 to 18V
f=120Hz
55
75
dB
V
in
Input Voltage Required
To Maintain Regulation
4.2
3.9
V
∆V
O /∆T
Average Temperature
Coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.275
0.700
mV/°C
ZMR SERIES
4-105



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com