Electronic Components Datasheet Search
  English  ▼

X  

FZTA64 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FZTA64
Description  PNP SILICON PLANAR DARLINGTON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZTA64 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FZTA64 Datasheet HTML 1Page - Zetex Semiconductors FZTA64 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FZTA64
1m
100m
10
1m
100m
10
1m
100m
10
1
10
100
10
100m
1m
IC - Collector Current (A)
VCE(sat) v IC
0
1.5
IC/IB=1000
+25 °C
-55 °C
60k
30k
+100 °C
0
IC - Collector Current (A)
hFE v IC
+25 °C
+100 °C
-55 °C
0
IC - Collector Current (A)
VBE(on) v IC
+100 °C
+25 °C
IC - Collector Current (A)
+100 °C
2.1
+25 °C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
1
0.1
DC
0.01
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100
µs
VCE=5V
+25° C
-55 °C
IC/IB=1000
VCE=5V
-55 °C
IC/IB=1000
1
10m
0.5
1.0
10
1
100m
10m
1m
0
0.5
1.0
1.5
15k
45k
10m
1
0.7
1.4
10m
1
10m
1
0.5
1.0
1.5
2.0
VCE(sat) v IC
TYPICAL CHARACTERISTICS
TBA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com