Electronic Components Datasheet Search
  English  ▼

X  

HAL28XY Datasheet(PDF) 1 Page - Micronas

Part # HAL28XY
Description  Linear Hall-Effect Sensor Family with Digital Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL28XY Datasheet(HTML) 1 Page - Micronas

  HAL28XY Datasheet HTML 1Page - Micronas HAL28XY Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 28xy
Feb/2008
PRODUCT INFORMATION
HAL® 28xy
Linear Hall-Effect Sensor Family with Digital Interfaces
The HAL 28xy family is a new generation of
programmable Hall-effect sensors.
It consists of members with different digital
interfaces, like LIN, PWM, and SENT
(SAE J2716). Due to its internal structure, it
is possible to easily generate new family
members. The built-in RISC processor
allows a fast implementation of new output
formats or customer-specific signal pro-
cessing. All members within this family can
be programmed without any additional pro-
gramming pin. Programming is done via LIN
frames or BiPhase-M telegrams depending
on the family member.
The HAL 28xy family features a Hall plate
with spinning current offset compensation
technique and a precise temperature sen-
sor which is used for temperature compen-
sation of both the Hall sensors’ sensitivity
and offset.
The sensors’ signal path is handled by the
RISC processor. This is of great benefit
because analog offsets, temperature shifts,
and mechanical stress do not degrade the
digital signals.
Major characteristics like magnetic field
range, sensitivity, offset and the tempera-
ture coefficients of sensitivity and offset can
easily be adjusted to the magnetic circuit by
programming the non-volatile memory.
The HAL 28xy family is available in the very
small leaded package TO-92UT.
Features
V High-precision linear Hall-effect sensor
V Spinning-current offset compensation
V Built-in temperature sensor
V Built-in RISC processor
V Digital signal processing
V Up to 12 bit resolution
V Customer-programmable temperature
compensation of Hall sensitivity (2nd
order) and Hall offset (1st order)
V Operating junction temperature range:
−40 °C up to 170 °C
V Different interface options:
–LIN 2.0
–SENT
– PWM output up to 2 kHz
V Magnetic characteristics extremely
robust against mechanical stress
V Non-volatile EEPROM with redundancy
and lock function
Major Applications
Due to the sensors’ versatile programming
characteristics and low drifts, the HAL 28xy
family is the optimal system solution for
applications such as
V Contactless potentiometers
V Angular measurements
(e.g. for fuel-level sensing)
V Linear movement
(e.g. seat track position)
V Linear force or torque measurements
V Current sensing


Similar Part No. - HAL28XY

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2810 MICRONAS-HAL2810 Datasheet
281Kb / 2P
Linear Hall-Effect Sensor with LIN Bus
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
Linear Hall-Effect Sensor with SENT Output
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
Linear Hall-Effect Sensor Family with SENT Interface
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
Linear Hall-Effect Sensor with PWM Output
More results

Similar Description - HAL28XY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
High-Precision Programmable Linear Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL1820 MICRONAS-HAL1820 Datasheet
243Kb / 2P
Programmable Linear Hall-Effect Sensor Family
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
Linear Hall-Effect Sensor Family with SENT Interface
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com