Electronic Components Datasheet Search
  English  ▼

X  

HAL82X Datasheet(PDF) 22 Page - Micronas

Part # HAL82X
Description  High-Precision Programmable Linear Hall-Effect Sensor Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL82X Datasheet(HTML) 22 Page - Micronas

Back Button HAL82X Datasheet HTML 18Page - Micronas HAL82X Datasheet HTML 19Page - Micronas HAL82X Datasheet HTML 20Page - Micronas HAL82X Datasheet HTML 21Page - Micronas HAL82X Datasheet HTML 22Page - Micronas HAL82X Datasheet HTML 23Page - Micronas HAL82X Datasheet HTML 24Page - Micronas HAL82X Datasheet HTML 25Page - Micronas HAL82X Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
HAL82x
DATA SHEET
22
Feb. 3, 2009; DSH000143_003EN
Micronas
3.8. Power-On Operation
at TJ = −40 °C to +170 °C, after programming and locking. Typical Characteristics for TJ = 25 °C.
3.9. Overvoltage and Undervoltage Detection
at TJ = −40 °C to +170 °C, Typical Characteristics for TJ = 25 °C, after programming and locking
Note: The over- and undervoltage detection is activated only after locking the sensor!
3.10. Magnetic Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 5.5 V, GND = 0 V after programming and locking,
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
Symbol
Parameter
Min.
Typ.
Max.
Unit
PORUP
Power-On Reset Voltage (UP)
−
3.4
−
V
PORDOWN
Power-On Reset Voltage (DOWN)
−
3.0
−
V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VDD,UV
Undervoltage Detection Level
1
−
4.2
4.3
V
1)
VDD,OV
Overvoltage Detection Level
1
8.5
8.9
10.0
V
1)
1) If the supply voltage drops below V
DD,UV or rises above VDD,OV, the output voltage is switched to VDD (≥97% of VDD at RL = 10 kΩ to GND).
The CLAMP-LOW register has to be set to a voltage
≥ 200 mV.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
BOffset
Magnetic Offset
3
−0.5
0
0.5
mT
B = 0 mT, IOUT = 0 mA, TJ = 25 °C,
unadjusted sensor
ΔB
Offset/ΔT
Magnetic Offset Change
due to TJ
−10
0
10
μT/K
B = 0 mT, IOUT = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com