Electronic Components Datasheet Search
  English  ▼

X  

HAL730 Datasheet(PDF) 15 Page - Micronas

Part # HAL730
Description  Hall-Effect Sensors with Direction Detection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL730 Datasheet(HTML) 15 Page - Micronas

Back Button HAL730 Datasheet HTML 11Page - Micronas HAL730 Datasheet HTML 12Page - Micronas HAL730 Datasheet HTML 13Page - Micronas HAL730 Datasheet HTML 14Page - Micronas HAL730 Datasheet HTML 15Page - Micronas HAL730 Datasheet HTML 16Page - Micronas HAL730 Datasheet HTML 17Page - Micronas HAL730 Datasheet HTML 18Page - Micronas HAL730 Datasheet HTML 19Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DATA SHEET
HAL 710, HAL 730
Micronas
Oct. 13, 2009; DSH000031_002EN
15
4. Type Description
4.1. HAL 710, HAL 730
The types differ according to the behavior of the Direc-
tion Output (see Section 1.2. on page 4).
Magnetic Features
–typical BON: 14.9 mT at room temperature
–typical BOFF: −14.9 mT at room temperature
– temperature coefficient of
−2000 ppm/K in all mag-
netic characteristics
– operation with static magnetic fields and dynamic
magnetic fields up to 10 kHz
Fig. 4–1: Definition of magnetic switching points for
the HAL 710
Positive flux density values refer to magnetic south
pole at the branded side of the package.
Applications
The HAL 710 and the HAL 730 are the optimal sen-
sors for position
−control applications with direction
detection and alternating magnetic signals such as:
– multipole magnet applications,
– rotating speed and direction measurement,
position tracking (active targets), and
– window lifters.
Magnetic Thresholds
(quasi stationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical characteristics for TJ = 25 °C and VDD = 5 V
Matching BS1 and BS2
(quasi stationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical characteristics for TJ = 25 °C and VDD = 5 V
Hysteresis Matching
(quasi stationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical characteristics for TJ = 25 °C and VDD = 5 V
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Para-
meter
On-Point
BS1on, BS2on
Off-Point
BS1off,, BS2off
Unit
Tj
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
12.5
16.3
20
−20
−16.3 −12.5 mT
25 °C
10.7
14.9
19.1
−19.1 −14.9 −10.7 mT
100 °C
7.7
12.5
17.3
−17.3 −12.5 −7.7
mT
140 °C
6.0
10.9
16.0
−16.0 −10.9 −6.0
mT
Para-
meter
BS1on − BS2on
BS1off − BS2off
Unit
Tj
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
−7.5
0
7.5
−7.5
0
7.5
mT
25 °C
−7.5
0
7.5
−7.5
0
7.5
mT
100 °C
−7.5
0
7.5
−7.5
0
7.5
mT
140 °C
−7.5
0
7.5
−7.5
0
7.5
mT
Parameter
(BS1on − BS1off) / (BS2on − BS2off)
Unit
Tj
Min.
Typ.
Max.
−40 °C
0.85
1.0
1.2
-
25 °C
0.85
1.0
1.2
-
100 °C
0.85
1.0
1.2
-
140 °C
0.85
1.0
1.2
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com