Electronic Components Datasheet Search
  English  ▼

X  

2SD596A Datasheet(PDF) 1 Page - NEC

Part # 2SD596A
Description  AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD596A Datasheet(HTML) 1 Page - NEC

  2SD596A Datasheet HTML 1Page - NEC 2SD596A Datasheet HTML 2Page - NEC 2SD596A Datasheet HTML 3Page - NEC 2SD596A Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SD596A
AUDIO FREQUENCY POWER AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
MINI MOLD
DATA SHEET
Document No. D17880EJ1V0DS00 (1st edition)
Date Published December 2005 NS CP(K)
Printed in Japan
c
2005
PACKAGE DRAWING
(Unit: mm)
FEATURES
• Complementary to NEC 2SB624 PNP Transistor.
• High DC Current Gain: hFE = 200 TYP. (VCE = 1.0 V, IC = 100 mA)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC
700
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cut-off Current
ICBO
100
nA
VCB = 30 V, IE = 0 A
Emitter Cut-off Current
IEBO
100
nA
VEB = 5.0 V, IC = 0 A
hFE1
110
200
400
VCE = 1.0 V, IC = 100 mA
Note
DC Current Gain
hFE2
50
VCE = 1.0 V, IC = 700 mA
Note
Collector Saturation Voltage
VCE(sat)
0.22
0.6
V
IC = 700 mA, IB = 70 mA
Note
Base to Emitter Voltage
VBE
600
640
700
mV
VCE = 6.0 V, IC = 10 mA
Note
Gain Bandwidth Product
fT
170
MHz
VCE = 6.0 V, IE =
−10 mA
Output Capacitance
Cob
12
pF
VCB = 6.0 V, IE = 0 A, f = 1.0 MHz
Note Pulsed: PW
≤ 350
μs, Duty Cycle ≤ 2%
hFE1 CLASSIFICATION
Marking
DV1
DV2
DV3
DV4
DV5
hFE
110 to 180
135 to 220
170 to 270
200 to 320
250 to 400
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SD596A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD596A RENESAS-2SD596A Datasheet
687Kb / 6P
SILICON TRANSISTOR
2005
More results

Similar Description - 2SD596A

ManufacturerPart #DatasheetDescription
logo
NEC
2SB624 NEC-2SB624 Datasheet
256Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SB736 NEC-2SB736 Datasheet
183Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR(MINI MOLD)
2SC1622A NEC-2SC1622A Datasheet
234Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2223 NEC-2SC2223 Datasheet
222Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3734 NEC-2SC3734 Datasheet
233Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD596 NEC-2SD596 Datasheet
249Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD780 NEC-2SD780 Datasheet
179Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Unisonic Technologies
2SC1623 UTC-2SC1623 Datasheet
120Kb / 2P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com