Electronic Components Datasheet Search
  English  ▼

X  

74HC3GU04GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC3GU04GD
Description  Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3GU04GD Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC3GU04GD Datasheet HTML 1Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 2Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 3Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 4Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 5Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 6Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 7Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 8Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74HC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 11 January 2010
2 of 16
NXP Semiconductors
74HC3GU04
Inverter
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna720
1A
1Y
17
2A
2Y
35
3A
3Y
62
7
1
1
1
5
3
mna721
1
2
6
Fig 3.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 4.
Pin configuration SOT996-2 (XSON8U)
74HC3GU04
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aak022
1
2
3
4
6
5
8
7
001aak023
74HC3GU04
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
1Y, 2Y, 3Y
7, 5, 2
data output
GND
4
ground (0 V)
VCC
8
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com