Electronic Components Datasheet Search
  English  ▼

X  

HAL574 Datasheet(PDF) 6 Page - Micronas

Part # HAL574
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL574 Datasheet(HTML) 6 Page - Micronas

Back Button HAL574 Datasheet HTML 2Page - Micronas HAL574 Datasheet HTML 3Page - Micronas HAL574 Datasheet HTML 4Page - Micronas HAL574 Datasheet HTML 5Page - Micronas HAL574 Datasheet HTML 6Page - Micronas HAL574 Datasheet HTML 7Page - Micronas HAL574 Datasheet HTML 8Page - Micronas HAL574 Datasheet HTML 9Page - Micronas HAL574 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
HAL57x, HAL58x
DATA SHEET
6
Dec. 22, 2008; DSH000145_003EN
Micronas
1.5. Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Hall Sensors:
Ordering Codes, Packaging, Handling”.
1.6. Solderability and Welding
Solderability
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260 °C
should not be exceeded.
Welding
Device terminals should be compatible with laser and
resistance welding. Please note that the success of
the welding process is subject to different welding
parameters which will vary according to the welding
technique used. A very close control of the welding
parameters is absolutely necessary in order to reach
satisfying results. Micronas, therefore, does not give
any implied or express warranty as to the ability to
weld the component.
Fig. 1–4: Pin configuration
HALXXXPA-T
Temperature Range: K or E
Package: SF for SOT89B-1
UA for TO92UA
Type: 57x or 58x
Example: HAL581UA-E
→ Type: 581
→ Package: TO92UA
→ Temperature Range: T
J = −40 °C to +100 °C
1 VDD
2,4
GND
x
x = pin 3 for TO92UA-1/-2 package
x = pin 4 for SOT89B-1 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com