Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1111
Description  Cortex-M0 based microcontrollers with industry-leading power and efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1111 Datasheet HTML 1Page - NXP Semiconductors LPC1111 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP 50-MHz, 32-bit
Cortex-M0™ microcontrollers
LPC1100
Built around the new Cortex-M0 architecture, the smallest, lowest power, and most energy-efficient
ARM core ever developed, these MCUs are ideally equipped for use in many traditional 8/16-bit
applications.
} Analog peripheral
- 10-bit Analog-to-Digital Converter with eight channels and
conversion rates up to 400 K samples per second
} Other :
- Up to 42 general-purpose I/O (GPIO) pins with configurable
pull-up/down resistors and a new, configurable open-drain
operating mode
- Four general-purpose counter/timers, with a total of four
capture inputs and 13 match outputs
- Programmable Watchdog Timer (WDT) with lock-out feature
- System tick timer
- Each peripheral has its own clock divider for power savings
Applications
} White goods
} e-Metering
} Consumer peripherals
} Remote sensors
} 8/16-bit applications
} Industrial networking
} System supervisors
Key features
} ARM Cortex-M0 processor
- 50 MHz operation
- Nested Vectored Interrupt Controller for fast deterministic
interrupts
- Wakeup Interrupt Controller allows automatic wake from a
priority interrupt
- Three reduced-power modes: Sleep, Deep-sleep, and Deep
power-down
} Memories
- Up to 128 KB Flash memory
- Up to 16 KB SRAM
} Serial peripherals
- UART with fractional baud rate generation, internal FIFO,
and RS-485 support
- Up to 2 SPI controllers with FIFO and multi-protocol
capabilities
- I2C-bus interface supporting full I2C-bus specification and
Fast mode plus with a data rate of 1 Mbit/s with multiple
address recognition and monitor mode
Cortex-M0 based microcontrollers with
industry-leading power and efficiency


Similar Part No. - LPC1111

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111 NXP-LPC1111 Datasheet
851Kb / 2P
Cortex-M0 MCUs with lowest active power and superior code density
April 2011
LPC1111 NXP-LPC1111 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1111 NXP-LPC1111 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1111 PHILIPS-LPC1111 Datasheet
4Mb / 543P
LPC111x/LPC11Cxx User manual
Rev. 12.1-7 August 2013
More results

Similar Description - LPC1111

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
logo
NXP Semiconductors
LPC1100L NXP-LPC1100L Datasheet
851Kb / 2P
Cortex-M0 MCUs with lowest active power and superior code density
April 2011
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
ARM짰 Cortex??M0 core
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
ISD Cortex??M0 ChipCorder
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
Nuvoton Technology Corp...
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com