Electronic Components Datasheet Search
  English  ▼

X  

OPA1641 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1641
Description  High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1641 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA1641 Datasheet HTML 9Page - Texas Instruments OPA1641 Datasheet HTML 10Page - Texas Instruments OPA1641 Datasheet HTML 11Page - Texas Instruments OPA1641 Datasheet HTML 12Page - Texas Instruments OPA1641 Datasheet HTML 13Page - Texas Instruments OPA1641 Datasheet HTML 14Page - Texas Instruments OPA1641 Datasheet HTML 15Page - Texas Instruments OPA1641 Datasheet HTML 16Page - Texas Instruments OPA1641 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
OPA164x
IfR >2k
orR ||R >2k
R =R ||R
W
W
S
1
2
S
1
2
VIN
VOUT
R1
R1
R2
OPA1641
OPA1642
OPA1644
www.ti.com
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
SOURCE IMPEDANCE AND DISTORTION
PHASE-REVERSAL PROTECTION
For lowest distortion with a source or feedback
The OPA1641, OPA1642, and OPA1644 family has
network, the impedance seen by the positive and
internal phase-reversal protection. Many FET- and
negative inputs in noninverting applications should be
bipolar-input op amps exhibit a phase reversal when
matched. The n-channel JFETs in the FET input
the input is driven beyond its linear common-mode
stage exhibit a varying input capacitance with applied
range. This condition is most often encountered in
common-mode
input
voltage.
In
inverting
noninverting circuits when the input is driven beyond
configurations, the input does not vary with input
the specified common-mode voltage range, causing
voltage because the inverting input is held at virtual
the output to reverse into the opposite rail. The input
ground. However, in noninverting applications, the
circuitry of the OPA1641, OPA1642, and OPA1644
inputs do vary, and the gate-to-source voltage is not
prevents
phase
reversal
with
excessive
constant. This effect produces increased distortion as
common-mode voltage; instead, the output limits into
a result of the varying capacitance for unmatched
the appropriate rail (see Figure 14).
source impedances.
OUTPUT CURRENT LIMIT
To maintain low distortion, match unbalanced source
impedance with appropriate values in the feedback
The output current of the OPA164x series is limited
network as shown in Figure 34. Of course, the
by
internal
circuitry
to
+36mA/–30mA
unbalanced impedance may be from gain-setting
(sourcing/sinking), to protect the device if the output
resistors
in
the
feedback
path.
If
the
parallel
is accidentally shorted. This short-circuit current
combination of R1 and R2 is greater than 2kΩ, a
depends on temperature, as shown in Figure 28.
matching impedance on the noninverting input should
Although it is uncommon for most modern audio
be used. As always, resistor values should be
applications to require 600
Ω load drive capability,
minimized to reduce the effects of thermal noise.
many audio op amp applications continue to specify
the total harmonic distortion (THD+N) at 600
Ω load
for comparative purposes. Figure 7 and Figure 9
provide typical THD+N measurement curves for the
OPA164x series, where the output drives a 3VRMS
signal into a 600
Ω load. However, it should be noted
that correct device operation cannot be ensured when
driving 600
Ω loads at full supply. Depending on
supply voltage and temperature, it may well trigger
the output current limit circuitry of the device.
POWER DISSIPATION AND THERMAL
Figure 34. Impedance Matching for Maintaining
PROTECTION
Low Distortion in Noninverting Circuits
The OPA164x series of op amps are capable of
driving 2k
Ω loads with power-supply voltages of up to
±18V over the specified temperature range. In a
CAPACITIVE LOAD AND STABILITY
single-supply
configuration,
where
the
load
is
The dynamic characteristics of the OPA164x have
connected
to
the
negative
supply
voltage,
the
been optimized for commonly encountered gains,
minimum load resistance is 2.8k
Ω at a supply voltage
loads, and operating conditions. The combination of
of
+36V.
For
lower
supply
voltages
(either
low closed-loop gain and high capacitive loads
single-supply or symmetrical supplies), a lower load
decreases the phase margin of the amplifier and can
resistance may be used, as long as the output current
lead to gain peaking or oscillations. As a result,
does not exceed 13mA; otherwise, the device
heavier capacitive loads must be isolated from the
short-circuit current protection circuit may activate.
output. The simplest way to achieve this isolation is to
Internal power dissipation increases when operating
add a small resistor (ROUT equal to 50Ω, for example)
at
high
supply
voltages.
Copper
leadframe
in series with the output.
construction used in the OPA1641, OPA1642, and
Figure
21
and
Figure
22
illustrate
graphs
of
OPA1644 series devices improves heat dissipation
Small-Signal
Overshoot
vs
Capacitive
Load
for
compared to conventional materials. PCB layout can
several values of ROUT. Also, refer to Applications
also help reduce a possible increase in junction
Bulletin
AB-028
(literature
number
SBOA015,
available for download from the TI web site) for
details of analysis techniques and application circuits.
Copyright © 2009–2010, Texas Instruments Incorporated
13
Product Folder Link(s): OPA1641 OPA1642 OPA1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com