Electronic Components Datasheet Search
  English  ▼

X  

PCA9517 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9517
Description  LEVEL-TRANSLATING I2C BUS REPEATER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9517 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9517 Datasheet HTML 5Page - Texas Instruments PCA9517 Datasheet HTML 6Page - Texas Instruments PCA9517 Datasheet HTML 7Page - Texas Instruments PCA9517 Datasheet HTML 8Page - Texas Instruments PCA9517 Datasheet HTML 9Page - Texas Instruments PCA9517 Datasheet HTML 10Page - Texas Instruments PCA9517 Datasheet HTML 11Page - Texas Instruments PCA9517 Datasheet HTML 12Page - Texas Instruments PCA9517 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BUS B
PCA9517
SDA
SDAB
SDA
SCL
SCLB
SCL
EN
BUS A
3.3 V
SDAA
SCLA
V
CCA
V
CCB
10 kW
1.2 V
SLAVE
400 kHz
BUS
MASTER
400 kHz
10 kW
10 kW
10 kW
PCA9517
www.ti.com
SCPS157B – DECEMBER 2007 – REVISED MAY 2010
APPLICATION INFORMATION
A typical application is shown in Figure 5. In this example, the system master is running on a 3.3-V I2C bus, and
the slave is connected to a 1.2-V bus. Both buses run at 400 kHz. Master devices can be placed on either bus.
The PCA9517 is 5-V tolerant, so it does not require any additional circuitry to translate between 0.9-V to 5.5-V
bus voltages and 2.7-V to 5.5-V bus voltages.
When the A side of the PCA9517 is pulled low by a driver on the I2C bus, a comparator detects the falling edge
when it goes below 0.3 VCCA and causes the internal driver on the B side to turn on, causing the B side to pull
down to about 0.5 V. When the B side of the PCA9517 falls, first a CMOS hysteresis-type input detects the
falling edge and causes the internal driver on the A side to turn on and pull the A-side pin down to ground. In
order to illustrate what would be seen in a typical application, refer to Figure 7 and Figure 8. If the bus master in
Figure 5 were to write to the slave through the PCA9517, waveforms shown in Figure 7 would be observed on
the A bus. This looks like a normal I2C transmission, except that the high level may be as low as 0.9 V, and the
turn on and turn off of the acknowledge signals are slightly delayed.
On the B-side bus of the PCA9517, the clock and data lines would have a positive offset from ground equal to
the VOL of the PCA9517. After the eighth clock pulse, the data line is pulled to the VOL of the slave device, which
is very close to ground in this example. At the end of the acknowledge, the level rises only to the low level set by
the driver in the PCA9517 for a short delay, while the A-bus side rises above 0.3 VCCA and then continues high. It
is important to note that any arbitration or clock stretching events require that the low level on the B-bus side at
the input of the PCA9517 (VIL) be at or below 0.4 V to be recognized by the PCA9517 and then transmitted to
the A-bus side.
Figure 5. Typical Application
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com