Electronic Components Datasheet Search
  English  ▼

X  

ISO3086DW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086DW
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3086DW Datasheet(HTML) 2 Page - Texas Instruments

  ISO3086DW Datasheet HTML 1Page - Texas Instruments ISO3086DW Datasheet HTML 2Page - Texas Instruments ISO3086DW Datasheet HTML 3Page - Texas Instruments ISO3086DW Datasheet HTML 4Page - Texas Instruments ISO3086DW Datasheet HTML 5Page - Texas Instruments ISO3086DW Datasheet HTML 6Page - Texas Instruments ISO3086DW Datasheet HTML 7Page - Texas Instruments ISO3086DW Datasheet HTML 8Page - Texas Instruments ISO3086DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Input supply voltage, (2) VCC1, VCC2
–0.3 to 6
V
VO
Voltage at any bus I/O terminal
–9 to 14
V
VIT
Voltage input, transient pulse, A, B, Y, and Z (through 100
Ω, see Figure 11)
–50 to 50
V
VI
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
±10
mA
Bus pins and GND1
±6
JEDEC Standard 22,
Human Body Model
Bus pins and GND2
±16
kV
Test Method A114-C.01
All pins
±4
Electrostatic
ESD
discharge
JEDEC Standard 22,
Charged Device
±1
kV
Model
Test Method C101
All pins
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC1
Logic-side supply voltage (1)
3.15
5.5
V
VCC2
Bus-side supply voltage(1)
4.5
5
5.5
V
VOC
Voltage at either bus I/O terminal
A, B
–7
12
V
VIH
High-level input voltage
2
VCC
D, DE, RE
V
VIL
Low-level input voltage
0
0.8
VID
Differential input voltage
A with respect to B
–12
12
V
RL
Differential input resistance
54
60
Ω
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
TJ
Operating junction temperature
–40
85
°C
(1)
For 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For 3-V operation, VCC1 is specified from 3.15 V to 3.6V.
SUPPLY CURRENT
over recommended operating condition (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RE at 0 V or VCC, DE at 0 V or VCC1
3.3-V VCC1
8
ICC1
Logic-side supply current
mA
RE at 0 V or VCC, DE at 0 V or VCC1
5-V VCC1
10
ICC2
Bus-side supply current
RE at 0 V or VCC, DE at 0 V, No load
15
mA
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com