| Electronic Components Datasheet Search |
|
TL4050 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL4050 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 35 page ![]() TL4050x25Q ELECTRICAL CHARACTERISTICS DVZ DIZ TL4050 www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009 at extended temperature range, full range TA = –40°C to 125°C (unless otherwise noted) TL4050A25Q TL4050B25Q TL4050C25Q PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX Reverse VZ breakdown IZ = 100 µA 25°C 2.5 2.5 2.5 V voltage 25°C –2.5 2.5 –5 5 –13 13 Reverse ΔVZ breakdown IZ = 100 µA mV Full –15 15 –18 18 –25 25 voltage tolerance range 25°C 41 60 41 60 41 60 Minimum IZ,min µA Full cathode current 65 65 65 range IZ = 10 mA 25°C ±20 ±20 ±20 Average temperature IZ = 1 mA 25°C ±15 ±15 ±15 coefficient of α VZ ppm/°C 25°C ±15 ±15 ±15 reverse breakdown IZ = 100 µA Full ±50 ±50 ±50 voltage range 25°C 0.3 0.8 0.3 0.8 0.3 0.8 IZ,min < IZ < 1 mA Reverse Full 1.2 1.2 1.2 breakdown range voltage change mV 25°C 2.3 6 2.3 6 2.3 6 with cathode current change 1 mA < IZ < 15 mA Full 8 8 8 range IZ = 1 mA, Reverse dynamic ZZ f = 120 Hz, 25°C 0.3 0.3 0.3 Ω impedance IAC = 0.1 IZ IZ = 100 µA, eN Wideband noise 25°C 41 41 41 µV RMS 10 Hz ≤ f ≤ 10 kHz Long-term stability of t = 1000 h, reverse TA = 25°C ± 0.1°C, 120 120 120 ppm breakdown IZ = 100 µA voltage Thermal VHYST ΔTA = –40°C to 125°C 0.7 0.7 0.7 mV hysteresis(1) (1) Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C). Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TL4050 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |