Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZWTA3 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMPL138ZWTA3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZWTA3 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMPL138ZWTA3 Datasheet HTML 17Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 18Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 19Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 20Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 21Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 22Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 23Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 24Page - Texas Instruments AMPL138ZWTA3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 268 page
background image
3.6 Memory Map Summary
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
Table 3-3. OMAP-L138 Top Level Memory Map
Start
End
Size
ARM Mem
DSP Mem
EDMA Mem Map
PRUSS Mem
Master
LCDC
Address
Address
Map
Map
Map
Peripheral
Mem
Mem Map
Map
0x0000 0000
0x0000 0FFF
4K
PRUSS Local
Address
Space
0x0000 1000
0x006F FFFF
0x0070 0000
0x007F FFFF
1024K
DSP L2 ROM
0x0080 0000
0x0083 FFFF
256K
DSP L2 RAM
0x0084 0000
0x00DF
FFFF
0x00E0 0000
0x00E0 7FFF
32K
DSP L1P RAM
0x00E0 8000
0x00EF
FFFF
0x00F0 0000
0x00F0 7FFF
32K
DSP L1D RAM
0x00F0 8000
0x017F FFFF
0x0180 0000
0x0180 FFFF
64K
DSP Interrupt
Controller
0x0181 0000
0x0181 0FFF
4K
DSP
Powerdown
Controller
0x0181 1000
0x0181 1FFF
4K
DSP Security
ID
0x0181 2000
0x0181 2FFF
4K
DSP Revision
ID
0x0181 3000
0x0181 FFFF
52K
-
0x0182 0000
0x0182 FFFF
64K
DSP EMC
0x0183 0000
0x0183 FFFF
64K
DSP Internal
Reserved
0x0184 0000
0x0184 FFFF
64K
DSP Memory
System
0x0185 0000
0x01BB
FFFF
0x01BC 0000
0x01BC
4K
ARM ETB
0FFF
memory
0x01BC 1000
0x01BC
2K
ARM ETB
17FF
reg
0x01BC 1800
0x01BC
256
ARM Ice
18FF
Crusher
0x01BC 1900
0x01BF
FFFF
0x01C0 0000 0x01C0 7FFF
32K
EDMA3 CC
0x01C0 8000 0x01C0 83FF
1K
EDMA3 TC0
0x01C0 8400 0x01C0 87FF
1K
EDMA3 TC1
0x01C0 8800
0x01C0
FFFF
0x01C1 0000 0x01C1 0FFF
4K
PSC 0
0x01C1 1000 0x01C1 1FFF
4K
PLL Controller 0
0x01C1 2000 0x01C1 3FFF
0x01C1 4000 0x01C1 4FFF
4K
SYSCFG0
0x01C1 5000
0x01C1
FFFF
0x01C2 0000 0x01C2 0FFF
4K
Timer0
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com