Electronic Components Datasheet Search
  English  ▼

X  

74HC05 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC05
Description  Hex inverter with open-drain outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC05 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC05 Datasheet HTML 1Page - NXP Semiconductors 74HC05 Datasheet HTML 2Page - NXP Semiconductors 74HC05 Datasheet HTML 3Page - NXP Semiconductors 74HC05 Datasheet HTML 4Page - NXP Semiconductors 74HC05 Datasheet HTML 5Page - NXP Semiconductors 74HC05 Datasheet HTML 6Page - NXP Semiconductors 74HC05 Datasheet HTML 7Page - NXP Semiconductors 74HC05 Datasheet HTML 8Page - NXP Semiconductors 74HC05 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC05_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 18 June 2009
2 of 13
NXP Semiconductors
74HC05
Hex inverter with open-drain outputs
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
Logic diagram (one gate)
mna525
2
11A
1Y
4
32A
2Y
6
53A
3Y
8
94A
4Y
10
11
5A
5Y
12
13
6A
6Y
001aaj979
GND
VCC
Y
A
Fig 3.
Pin configuration SOT108-1 (SO14)
74HC05
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aaj980
1
2
3
4
5
6
7
8
10
9
12
11
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com